Part Number Hot Search : 
58V65 MC68HC0 D6L80HT SMAJ18CA 2SC44 5N50FS TC642EPA 71308
Product Description
Full Text Search
 

To Download RL101F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r l 1 0 1 f t h r u r l 1 0 7 f fast recovery rectifier reverse voltage: 50 to 1000 volts forward current:1.0ampere features mechanical data maximum ratings and electrical characteristics case : a-405 molded plastic body terminals : plated axial leads, solderable per mil-std-750,method 2026 polarity : color band denotes cathode end mounting position : any weight : 0.008ounce, 0.23 gram note : 1.t est conditions: i f= 0.5a,i r =1.0a,i rr =0.25a. (rating at 25 c ambient temperature unless otherwise specified.single phase ,half wave ,60h z ,resistive or inductive load. for capacitive load,derate current by 20%.) 2.measured at 1mh z and applied reverse voltage of 4.0 v olts d.c. plastic package has underwriters laboratory flammability classification 94v-0 maximum recurrent peak reverse v oltage v rrm v olts v olts v olts v olts a pf a mp s a mps v rms v dc i (a v) i fsm t stg v f i r t rr c j maximum rms v oltage maximum dc blocking v oltage maximum a verage forward rectified current 0.375"(9.5mm)lead length at t a =55c maximum instantaneous forward v oltage at 1.0 a operating junction and storage temperature range maximum reverse recovery time(note1) t ypical junction capacitance(note2) maximum dc reverse current at rated dc blocking voltage peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) -65 to+150 100 150 15.0 500 250 5.0 c t j 50 50 35 100 100 70 200 200 140 400 400 280 600 600 420 800 800 560 1000 1000 700 0 1.3 n s 1.0 a-405 dimensions in inches and (millimeters) 0.205(5.2) 0.107(2.7) 0.024(0.6) 1.0(25.4) min 1.0(25.4) min 0.165(4.2) 0.080(2.0) dia 0.020(0.5) dia r s e m i c o n d u c t o r symbols units rl 101f rl 102f rl 103f rl 104f rl 105f rl 106f rl 107f j f j f 30 t a =25c t a =100c high reliability high current capability low forward voltage drop, high ef ficiency low forward voltage drop, high ef ficiency component in accordance to rohs 2002/95/ec and weee 2002/96/ec jinan jinghen g co., l td. no .51 heping ro ad jinan p .r. china tel:86-531-86943 657 f ax:86-531-869470 96 www .jifusemicon. com 7- 4 high temperature soldering guaranteed:260c/10 seconds at terminals
r at i n g s a n d c h a r a c t e r i s t i c c u r v e s r l 1 0 1 f t h r u r l 1 0 7 f 0.01 0.02 0.2 0 .0 4 0 .4 0.06 0.6 0.1 1.0 2.0 4.0 6.0 10 10 0 20 30 40 50 0.4 20 0 40 60 80 100 120 140 1 4 8 6 2 60 10 20 40 100 0.6 0.8 1.0 1.2 1.4 1.8 1.6 0 25 50 75 100 125 150 175 0 0.2 0.4 0.6 0.8 1.0 fig.1-typical forward current derating curve fig.2-maximum non-repetitive forward surge current fig.3-typical instantaneous forward characteristics fig.4-typical reverse characteristics a v e r a g e f o r w a r d c u r r e n t ( a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a m p e r e s ) p e a k f o r w a r d s u r g e c u r r e n t ( a m p e r e s ) inst ant aneous forw ard vol t age (vol ts) reverse vol t age. (v) set time base for 50/100 ns/cm percent of ra ted peak reverse vol t age(%) number of cycles a t 60hz ambient tempera ture ( c) t j =25 c 8.3ms single half sine- wa ve (jedec method) t j =25 c 1 2 6 4 0.1 0.2 0.4 1 4 2 10 40 20 1cm t rr -0.25a 0 +0.5a -1.0a 100 10 60 40 100 20 200 fig.5-typical junction capacitance fig.6-test circuit diagram and reverse recovery time characteristic j u n c t i o n c a p a c i t a n c e ( p f ) t j =25 c single phase half wa ve 60h z resistive or inductive l oad pulse w idth=300 s 1% duty cycle 0.01 0.03 0.1 0.3 1 3 10 20 pulse genera tor (note2) noninductive oscilloscope (note1) d.u.t . noninductive nonin- ductive 50 w 50vdc 10 w 1 ( ? ) ( ? ) i n s t a n t a n e o u s r e v e r s e c u r r e n t ( a ) notes:1.rise t ime=7ns max. input lmpedance=1 megohm 22pf 2.rise t ime=10ns max. source lmpedance= 50 ohms jinan jinghen g co., l td. no .51 heping ro ad jinan p .r. china tel:86-531-86943 657 f ax:86-531-869470 96 www .jifusemicon. com 7- 5 (adjust able)


▲Up To Search▲   

 
Price & Availability of RL101F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X